PART |
Description |
Maker |
IDT74LVCH162245A IDT74LVCH162245APV IDT74LVCH16224 |
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 Adjustable Precision Shunt Regulator 8-TSSOP 0 to 70 LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT I/O AND BUS-HOLD 3.3V CMOS 16-Bit Bus Transceiver with 5.0V Tolerant I/O and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
GTLP16612 GTLP16612MTDX GTLP16612MEAX |
18-Bit Bus Transceiver 18位总线收发 From old datasheet system CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
|
Fairchild Semiconductor, Corp.
|
IDT74LVCH32245A 74LVCH32245A_DS_31737 IDT74LVCH322 |
Adjustable Precision Shunt Regulator 6-SC70 -40 to 85 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD From old datasheet system 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, AND BUS-HOLD 3.3V CMOS 32-Bit Bus Transceiver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74LVTH322245EC 74LVTH322245 74LVTH322245EC518 74LV |
3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tray Dry Pack, Bakeable, Multiple 3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tape reel smd LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
|
NXP Semiconductors N.V.
|
1.5KE62 1.5KE30 1.5KE6.8A 1.5KE8.2A 1.5KE9.1A 1.5K |
20-Bit Dual Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 16-Bit Dual-Supply Bus Transceive W/Configurable Voltage Translation and 3-State 48-TSSOP -40 to 85 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-SOIC -40 to 85 Unidirectional and bidirectional Transient Voltage Suppressor diodes 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 83-BGA MICROSTAR JUNIOR -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 24-QFN -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-VQFN -40 to 85 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 6-SOT-23 -40 to 85
|
SEMIKRON INTERNATIONAL
|
QS29FCT52T QS29FCT2052CTHB QS29FCT2052ATHB |
(QS29FCT53T) High Speed CMOS 8 Bit Bus Interface Register Transceivers Single 8-bit Bus Transceiver 位总线收发
|
Quality Semiconductor Spansion, Inc. Electronic Theatre Controls, Inc.
|
IDT74AUCR16245 IDT74AUCR16245PFI IDT74AUCR16245BVI |
1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AUC SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74ALVC162245PA |
IC LOGIC 162245 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 3.3V -40 85C TSSOP-48 39/TUBE ALVC/VCX/A SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
|
Integrated Device Technology, Inc.
|
74ALVC16245 74ALVCH16245 74ALVC16245DGG 74ALVC1624 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5V/3.3V 16-bit bus transceiver with direction pin (3-State)(带定向引脚的2.5V/3.3V 16位总线收发器(三态)) 2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
IDT74ALVCH32501BF IDT74ALVCH32501BF8 |
3.3V CMOS 36-Bit Universal Bus Transceiver with 3-State Outputs and Bus-Hold
|
IDT
|